Part Number Hot Search : 
67A42 4ACT118 PIC16F MSP43 3X221 FJY4004R X799E B8806
Product Description
Full Text Search
 

To Download AQV210EAX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  116 testing vde (reinforced type) (standard type) 1 2 3 6 5 4 gu (general use)-e type [1-channel (form a) type] mm inch 8.8 0.05 .346 .002 6.4 0.05 .252 .002 3.9 0.2 .154 .008 8.8 0.05 .346 .002 6.4 0.05 .252 .002 3.6 0.2 .142 .008 features 1. controls low-level analog signals photomos relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 2. control with low-level input signals 3. controls various types of loads such as relays, motors, lamps and sole- noids. 4. optical coupling for extremely high isolation unlike mechanical relays, the photomos relay combines led and optoelectronic device to transfer signals using light for extremely high isolation. 5. eliminates the need for a counter electromotive force protection diode in the drive circuits on the input side 6. stable on resistance 7. low-level off state leakage current 8. eliminates the need for a power sup- ply to drive the power mosfet a power supply used to drive the power mosfet is unnecessary because of the built-in optoelectronic device. this results in easy circuit design and small pc board area. 9. low thermal electromotive force (approx. 1 m v) typical applications ? high-speed inspection machines ? telephone equipment ? data communication equipment ? computer types *indicate the peak ac and dc values. note: for space reasons, the package type indicator "x" and "z" are omitted from the seal. type i/o isolation output rating* part no. packing quantity through hole terminal surface-mount terminal load voltage load current tube packing style tape and reel packing style tube tape and reel picked from the 1/2/3-pin side picked from the 4/5/6-pin side ac/dc standard 1,500 v ac 350 v 130 ma aqv210e aqv210ea AQV210EAX aqv210eaz 1 tube contains 50 pcs. 1 batch contains 500 pcs. 1,000 pcs. 400 v 120 ma aqv214e aqv214ea aqv214eax aqv214eaz reinforced 5,000 v 350 v 130 ma aqv210eh aqv210eha aqv210ehax aqv210ehaz 400 v 120 ma aqv214eh aqv214eha aqv214ehax aqv214ehaz rating 1. absolute maximum ratings (ambient temperature: 25 c 77 f ) item sym- bol type of connec- tion aqv210e(a) aqv214e(a) aqv210eh(a) aqv214eh(a) remarks input led forward current i f 50 ma led reverse voltage v r 3 v peak forward current i fp 1 a f = 100 hz, duty factor = 0.1% power dissipation p in 75 mw output load voltage (peak ac) v l 350 v 400 v 350 v 400 v continuous load current i l a 0.13 a 0.12 a 0.13 a 0.12 a a connection: peak ac, dc; b, c connection: dc b 0.15 a 0.13 a 0.15 a 0.13 a c 0.17 a 0.15 a 0.17 a 0.15 a peak load current i peak 0.4 a 0.3 a 0.4 a 0.3 a a connection: 100 ms (1 shot), v l =dc power dissipation p out 500 mw total power dissipation p t 550 mw i/o isolation voltage v iso 1,500 v ac 5,000 v ac temperature limits operating t opr C40 c to +85 c C40 f to +185 f non-condensing at low temp. storage t stg C40 c to +100 c C40 f to +212 f photomos relays
aqv21 m e 117 2. electrical characteristics (ambient temperature: 25 c 77 f ) for type of connection, see page 31. note: recommendable led forward current standard type: 5 ma reinforced type: 5 to 10 ma *turn on/turn off time n for dimensions, see page 27. n for schematic and wiring diagrams, see page 31. n for cautions for use, see page 36. item sym- bol type of connec- tion aqv210e(a) aqv214e(a) aqv210eh(a) aqv214eh(a) condition input led operate current typical i fon 1.1 ma 1.1 ma 1.6 ma 1.6 ma i l = max. maximum 3 ma led turn off current minimum i foff 0.3 ma 0.3 ma 0.4 ma 0.4 ma i l = max. typical 1.0 ma 1.0 ma 1.5 ma 1.5 ma led dropout voltage typical v f 1.14 v (1.25 v at i f = 50 ma) i f = 5 ma maximum 1.5 v output on resistance typical r on a 23 w 30 w 23 w 30 w i f = 5 ma i l = max. within 1 s on time maximum 35 w 50 w 35 w 50 w typical r on b 11.5 w 22.5 w 11.5 w 22.5 w i f = 5 ma i l = max. within 1 s on time maximum 17.5 w 25 w 17.5 w 25 w typical r on c 6.0 w 11.3 w 6.0 w 11.3 w i f = 5 ma i l = max. within 1 s on time maximum 8.8 w 12.5 w 8.8 w 12.5 w output capacitance typical c out a 45 pf i f = 0 v b = 0 f = 1 mhz off state leakage cur- rent maximum 1 m a i f = 0 v l = max. transfer characteristics switching speed turn on time* typical t on 0.5 ms 0.5 ms 0.7 ms 0.7 ms i f = 5 ma** l l =max. maximum 2.0 ms 2.0 ms 2.0 ms 2.0 ms turn off time* typical t off 0.05 ms i f = 5 ma i l = max. maximum 1.0 ms i/o capacitance typical c iso 0.8 pf f = 1 mhz v b = 0 maximum 1.5 pf initial i/o isolation resistance minimum r iso 1,000 m w 500 v dc ton input output 10% 90% toff reference data 1. load current vs. ambient temperature char- acteristics allowable ambient temperature: C40 c to +85 c C40 f to +185 f type of connection:a 2. on resistance vs. ambient temperature char- acteristics measured portion: between terminals 4 and 6; led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 3. turn on time vs. ambient temperature char- acteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 0 40 60 80 100 140 120 0204060 ?0 80 100 ?0 aqv210e (h) ambient temperature, c 20 aqv214e (h) load current, ma 85 0 10 20 30 40 40 50 0 20 20 40 60 80 aqv210e (h) aqv214e (h) 85 ambient temperature, c on resistance, 0 0.8 1.2 ?0 2.0 0 ?0 20 40 60 80 0.4 1.6 85 aqv210eh, aqv214eh aqv214e aqv210e ambient temperature, c turn on time, ms
aqv21 m e 118 4. turn off time vs. ambient temperature char- acteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 5. led operate current vs. ambient tempera- ture characteristics load voltage: max. (dc); continuous load current: max. (dc) 6. led turn off current vs. ambient temperature characteristics load voltage: max. (dc); continuous load current: max. (dc) 0 0.1 0.2 0.3 0.4 ?0 0 ?0 20 40 60 80 aqv210e aqv214e aqv210eh, aqv214eh 85 ambient temperature, c turn off time, ms 0 1 2 3 4 ?0 5 0 ?0 20 40 60 8085 aqv210e,aqv214e aqv210eh, aqv214eh ambient temperature, c led operate current, ma 0 1 2 3 4 ?0 5 0 ?0 20 40 60 8085 aqv210e,aqv214e aqv210eh, aqv214eh ambient temperature, c led turn off current, ma 7. led dropout voltage vs. ambient tempera- ture characteristics sample: all types led current: 5 to 50 ma 8. voltage vs. current characteristics of output at mos portion measured portion: between terminals 4 and 6; ambient temperature: 25 c 77 f 9. off state leakage current measured portion: between terminals 4 and 6; ambient temperature: 25 c 77 f 0 1.0 1.1 1.2 1.3 ?0 0 ?0 20 40 60 80 1.4 50ma 30ma 20ma 10ma 5ma 1.5 85 ambient temperature, c led dropout voltage, v 5 3 1 ? ? ? ?40 ?0 ?0 140 80 20 40 60 100 120 ?0 ?0 ?00 ?20 ? ? 24 aqv210e(h) aqv214e(h) voltage, v curremt, ma 0 60 100 10 ? ? 10 10 ? 10 ?2 aqv214e(h) 20 40 80 aqv210e(h) load voltage, v off state leakage current, a 10-(1). led forward current vs. turn on time characteristics measured portion: between terminals 4 and 6; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 10-(2). led forward current vs. turn on time characteristics measured portion: between terminals 4 and 6; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 11-(1). led forward current vs. turn off time characteristics measured portion: between terminals 4 and 6; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 0 0.2 0.4 0.6 0.8 1.4 1.0 10 20 30 40 50 60 aqv214e aqv210e 1.2 led forward current, ma turn on time, ms 0 0.5 1.0 2.5 1.5 10 20 30 40 50 60 2.0 aqv210eh, aqv214eh led forward current, ma turn on time, ms 0 0.02 0.04 0.08 0.06 10 20 30 40 0.10 50 aqv210e aqv214e led forward current, ma turn off time, ms 11-(2). led forward current vs. turn off time characteristics measured portion: between terminals 4 and 6; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 12. applied voltage vs. output capacitance characteristics measured portion: between terminals 4 and 6; frequency: 1 mhz; ambient temperature: 25 c 77 f 0 0.05 0.10 0.20 0.15 10 20 30 40 0.25 50 aqv210eh, aqv214eh led forward current, ma turn off time, ms 0 10 20 50 10 20 30 40 50 30 40 0 applied voltage, v output capacitance, pf 5/7/2001 all rights reserved, ? copyright matsushita electric works, ltd. go to online catalog


▲Up To Search▲   

 
Price & Availability of AQV210EAX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X